Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D400 Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce D400
Description  Intel RealSense Depth Camera D400-Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D400 Fiches technique(HTML) 21 Page - Intel Corporation

Back Button D400 Datasheet HTML 17Page - Intel Corporation D400 Datasheet HTML 18Page - Intel Corporation D400 Datasheet HTML 19Page - Intel Corporation D400 Datasheet HTML 20Page - Intel Corporation D400 Datasheet HTML 21Page - Intel Corporation D400 Datasheet HTML 22Page - Intel Corporation D400 Datasheet HTML 23Page - Intel Corporation D400 Datasheet HTML 24Page - Intel Corporation D400 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Functional Specification
Datasheet
21
3
Functional Specification
3.1
Depth Camera
Intel® RealSense™ Depth Camera D400 series provides high quality depth data to a
host system. The depth data is generated with stereo vision technology that is
optionally assisted by an infrared laser projector. Intel® RealSense™ Depth Camera
D400 series has the ability to syncronize with Color camera streams.
Table 3-1. Intel® RealSense™ Depth Camera D400 Series Image Formats
Format
Resolution
Frame Rate
Comment
Z [16 bits]
1280x720
6,15,30
Depth Only Mode
848X480
6,15,30,60,90
640x480
6,15,30,60,90
640x360
6,15,30,60,90
480x270
6,15,30,60,90
424x240
6,15,30,60,90
Y8 [8 bits]
L_UYVY [16 bits]
RY8_LY8 [16 bits]
1280x720
6,15,30
Illumination Mode Only
848X480
6,15,30,60,90
640x480
6,15,30,60,90
640x360
6,15,30,60,90
480x270
6,15,30,60,90
424x240
6,15,30,60,90
YUY2
1920x1080
6,15,30
Color channel
1280x720
6,15,30,60
960x540
6,15,30,60
848x480
6,15,30,60
640x480
6,15,30,60
640x360
6,15,30,60
424x240
6,15,30,60
320x240
6,15,30,60
320x180
6,15,30,60
Calibration [24 bits]
1920x1080
25,15
Intel® RealSense™ Camera
D415
960x540
30,15
1280x800
30,15
Intel® RealSense™ Camera
D435
640x400
30,15
RY8_LY8 [16 bits]
1920x1080
25,15
Dynamic Calibration for D415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32