Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R200 Fiches technique(PDF) 19 Page - Intel Corporation

No de pièce R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Fiches technique(HTML) 19 Page - Intel Corporation

Back Button R200 Datasheet HTML 15Page - Intel Corporation R200 Datasheet HTML 16Page - Intel Corporation R200 Datasheet HTML 17Page - Intel Corporation R200 Datasheet HTML 18Page - Intel Corporation R200 Datasheet HTML 19Page - Intel Corporation R200 Datasheet HTML 20Page - Intel Corporation R200 Datasheet HTML 21Page - Intel Corporation R200 Datasheet HTML 22Page - Intel Corporation R200 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Functional Specification
334616-001
19
4
Functional Specification
4.1
Embedded 3D Imaging System
The R200 module uses stereo vision to calculate depth. The stereo vision
implementation consists of left infrared camera, right infrared camera, and an infrared
laser projector. The left and right camera data is sent to the R200 ASIC. The ASIC
calculates depth values for each pixel in the image. The infrared projector is used to
enhance the ability of the system to calculate depth in scenes with low amounts of
texture. Traditionally, scenes with low texture such as walls presented a challenge for
stereo vision systems to calculate depth.
Figure 4-1. Active Stereo Technology Overview
4.2
Camera Video Stream Formats
Table 4-1. Supported Left/Right Infrared Camera Video Stream Formats and Modes
Format
Description
Resolution
Frame
Rates
RY12LY12_4_3
12 bits right, 12 bits left, 4 pixels
packed into 3 32 bit words
640x480, 492x372,
332x252
30, 60
LY_8_4_1
8 bits left, 4 pixels packed into 1 32 bit
words
640x480, 492x372,
332x252
30, 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51