Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R200 Fiches technique(PDF) 12 Page - Intel Corporation

No de pièce R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Fiches technique(HTML) 12 Page - Intel Corporation

Back Button R200 Datasheet HTML 8Page - Intel Corporation R200 Datasheet HTML 9Page - Intel Corporation R200 Datasheet HTML 10Page - Intel Corporation R200 Datasheet HTML 11Page - Intel Corporation R200 Datasheet HTML 12Page - Intel Corporation R200 Datasheet HTML 13Page - Intel Corporation R200 Datasheet HTML 14Page - Intel Corporation R200 Datasheet HTML 15Page - Intel Corporation R200 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Overview
12
334616-001
respective cable suppliers to manufacture a cable according to the guidance provided in this
document.
2.3
Components
Table 2-1. Component Descriptions
Acronym
Definition
AR
Anti-Reflective (Coating)
ASIC
Application Specific Integrated Circuit
Baseline
Distance between Left and Right Infrared Imager
CMC
Common Mode Choke
EMI
Electromagnetic Interference
ESD
Electrostatic Discharge
FEA
Finite Element Analysis, a type of mechanical simulation
FHD
Full High Definition
FOP
Field of Projection (Horizontal/Vertical/Diagonal)
FOV
Field of View (Horizontal/Vertical/Diagonal)
GPIO
General Purpose Input/Output
IR
Infrared
LED
Light Emitting Diode
PCB
Printed Circuit Board
R200
Intel® RealSense™ R200
RFI
Radio Frequency Interference
TBD
To Be Determined
TDP
Thermal Design Power
TIM
Thermal Interface Material
TJ
Component Junction Temperature
USB
Universal Serial Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51