Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C12481 Fiches technique(PDF) 10 Page - Ledil, Inc.

No de pièce C12481
Description  ~30째 medium beam
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12481 Fiches technique(HTML) 10 Page - Ledil, Inc.

Back Button C12481 Datasheet HTML 6Page - Ledil, Inc. C12481 Datasheet HTML 7Page - Ledil, Inc. C12481 Datasheet HTML 8Page - Ledil, Inc. C12481 Datasheet HTML 9Page - Ledil, Inc. C12481 Datasheet HTML 10Page - Ledil, Inc. C12481 Datasheet HTML 11Page - Ledil, Inc. C12481 Datasheet HTML 12Page - Ledil, Inc. C12481 Datasheet HTML 13Page - Ledil, Inc. C12481 Datasheet HTML 14Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PRODUCT
DATASHEET
C12481_MIRELLA-50-M-PIN
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON C
FWHM
39.0°
Efficiency
74 %
Peak intensity
1.2 cd/lm
LEDs/each optic 4
Light colour
RGBW
Required components:
C13723_MIRELLA-RZL
LED
LUXEON M/MX
FWHM
38.0°
Efficiency
81 %
Peak intensity
1.5 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C12479_MIRELLA-DL
LED
LUXEON M/MX
FWHM
24.0°
Efficiency
87 %
Peak intensity
2.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
LUXEON M/MX
FWHM
33.0°
Efficiency
84 %
Peak intensity
2 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C13333_MIRELLA-CL
Last update: 15/12/2019
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com