Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C12481 Fiches technique(PDF) 1 Page - Ledil, Inc.

No de pièce C12481
Description  ~30째 medium beam
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12481 Fiches technique(HTML) 1 Page - Ledil, Inc.

  C12481 Datasheet HTML 1Page - Ledil, Inc. C12481 Datasheet HTML 2Page - Ledil, Inc. C12481 Datasheet HTML 3Page - Ledil, Inc. C12481 Datasheet HTML 4Page - Ledil, Inc. C12481 Datasheet HTML 5Page - Ledil, Inc. C12481 Datasheet HTML 6Page - Ledil, Inc. C12481 Datasheet HTML 7Page - Ledil, Inc. C12481 Datasheet HTML 8Page - Ledil, Inc. C12481 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PRODUCT
DATASHEET
C12481_MIRELLA-50-M-PIN
MIRELLA-50-M-PIN
~30° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 49.9 mm
Height
23.9 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
MIRELLA-50-M-PIN
Reflector
PC
metal
lacquer
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12481_MIRELLA-50-M-PIN
» Box size: 480 x 280 x 300 mm
336
112
28
3.1
Last update: 15/12/2019
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/17


Numéro de pièce similaire - C12481

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
C12481 CREE-C12481 Datasheet
2Mb / 43P
Mirella series
More results

Description similaire - C12481

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
C10589 LEDIL-C10589 Datasheet
3Mb / 4P
~30째 medium beam
FCP14967 LEDIL-FCP14967 Datasheet
7Mb / 6P
~30째 medium beam
CP14994 LEDIL-CP14994 Datasheet
8Mb / 8P
~30째 medium beam
C11775 LEDIL-C11775 Datasheet
2Mb / 4P
~30째 medium beam
C10892 LEDIL-C10892 Datasheet
2Mb / 7P
~30째 medium beam
F14486 LEDIL-F14486 Datasheet
15Mb / 13P
~30째 medium beam
CP12940 LEDIL-CP12940 Datasheet
6Mb / 8P
~30째 medium beam
CP12941 LEDIL-CP12941 Datasheet
6Mb / 9P
~30째 medium beam.
C12477 LEDIL-C12477 Datasheet
14Mb / 23P
~30째 medium beam
FA11206 LEDIL-FA11206 Datasheet
2Mb / 7P
~30째 medium beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com