Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STM32WB
Description  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STM32WB Datasheet HTML 11Page - STMicroelectronics STM32WB Datasheet HTML 12Page - STMicroelectronics STM32WB Datasheet HTML 13Page - STMicroelectronics STM32WB Datasheet HTML 14Page - STMicroelectronics STM32WB Datasheet HTML 15Page - STMicroelectronics STM32WB Datasheet HTML 16Page - STMicroelectronics STM32WB Datasheet HTML 17Page - STMicroelectronics STM32WB Datasheet HTML 18Page - STMicroelectronics STM32WB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Advanced functionalities
15
Audio - Voice & streaming
Full-duplex audio streaming over Bluetooth 5.0 using Opus codec
STM32Cube function pack for STM32WB MCU: FP-AUD-BVLINKWB1
Sensor fusion & activity recognition
BLE connectivity with environmental and motion sensors
STM32Cube function pack for STM32WB MCU: FP-SNS-MOTENVWB1
STM32WB Nucleo-64
development board
+
Motion MEMS and
Environmental Sensor
Expansion board
STM32WB Nucleo development board
+
Digital MEMS microphones Expansion board
Both packages are compatible with
STBLESensor app for iOS and Android



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23