Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM32WB
Description  MCUwith built-in bluetooth5.0 and IEEE 802.15.4
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB Fiches technique(HTML) 5 Page - STMicroelectronics

  STM32WB Datasheet HTML 1Page - STMicroelectronics STM32WB Datasheet HTML 2Page - STMicroelectronics STM32WB Datasheet HTML 3Page - STMicroelectronics STM32WB Datasheet HTML 4Page - STMicroelectronics STM32WB Datasheet HTML 5Page - STMicroelectronics STM32WB Datasheet HTML 6Page - STMicroelectronics STM32WB Datasheet HTML 7Page - STMicroelectronics STM32WB Datasheet HTML 8Page - STMicroelectronics STM32WB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Simplicity of development
5
2 independent cores for real-time execution
CPU -x
Application Firmware
+
Peripherals
+
Radio stack
•
Drawbacks
• Time sharing
• Longer processing time – Greedy current consumption
• Need companion MCU (increased cost)
Mono-core
•
Benefits
• SOC solution (1 single die)
• Full flexibility - Easy development – User experience
• Increase battery life
• All-in-1 solution - cost saving
• Speed up time to market
• Easy certification process
Arm® Cortex®-M4
Application Firmware + Peripherals
STM32WB
Arm® Cortex®-M0+
Radio Stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23