Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S Fiches technique(PDF) 394 Page - STMicroelectronics

No de pièce STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Fiches technique(HTML) 394 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 390Page - STMicroelectronics STM8S Datasheet HTML 391Page - STMicroelectronics STM8S Datasheet HTML 392Page - STMicroelectronics STM8S Datasheet HTML 393Page - STMicroelectronics STM8S Datasheet HTML 394Page - STMicroelectronics STM8S Datasheet HTML 395Page - STMicroelectronics STM8S Datasheet HTML 396Page - STMicroelectronics STM8S Datasheet HTML 397Page - STMicroelectronics STM8S Datasheet HTML 398Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 467 page
background image
Controller area network (beCAN)
RM0016
394/467
DocID14587 Rev 14
23.6.4
Message storage
The interface between the software and the hardware for the CAN messages is
implemented by means of mailboxes. A mailbox contains all information related to a
message; identifier, data, control, status and time stamp information.
Transmit mailbox
The software sets up the message to be transmitted in an empty transmit mailbox. The
status of the transmission is indicated by hardware in the CAN_MCSR register.
Table 66. Transmit mailbox mapping
Offset to Transmit Mailbox base
address (bytes)
Register name
0CAN_MCSR
1
CAN_MDLCR
2
CAN_MIDR1
3
CAN_MIDR2
4
CAN_MIDR3
5
CAN_MIDR4
6
CAN_MDAR1
7
CAN_MDAR2
8
CAN_MDAR3
9
CAN_MDAR4
10
CAN_MDAR5
11
CAN_MDAR6
12
CAN_MDAR7
13
CAN_MDAR8
14
CAN_MTSRL
15
CAN_MTSRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More