Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S Fiches technique(PDF) 95 Page - STMicroelectronics

No de pièce STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Fiches technique(HTML) 95 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 91Page - STMicroelectronics STM8S Datasheet HTML 92Page - STMicroelectronics STM8S Datasheet HTML 93Page - STMicroelectronics STM8S Datasheet HTML 94Page - STMicroelectronics STM8S Datasheet HTML 95Page - STMicroelectronics STM8S Datasheet HTML 96Page - STMicroelectronics STM8S Datasheet HTML 97Page - STMicroelectronics STM8S Datasheet HTML 98Page - STMicroelectronics STM8S Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 467 page
background image
DocID14587 Rev 14
95/467
RM0016
Clock control (CLK)
104
9.9.7
Peripheral clock gating register 1 (CLK_PCKENR1)
Address offset: 0x07
Reset value: 0xFF
7
654
3210
PCKEN1[7:0]
rw
rw
rw
rw
rw
rw
rw
rw
Bits 7:0 PCKEN1[7:0]: Peripheral clock enable
These bits are written by software to enable or disable the fMASTER clock to the corresponding
peripheral (see Table 17).
0: fMASTER to peripheral disabled
1: fMASTER to peripheral enabled
Table 17. Peripheral clock gating bits
Control bit
Peripheral
PCKEN17
TIM1
PCKEN16
TIM3
PCKEN15
TIM2/TIM5 (product dependent)
PCKEN14
TIM4/ TIM6 (product dependent)
PCKEN13
UART1/2/3/4 (product dependent, see datasheet
for bit assignment table)
PCKEN12
PCKEN11
SPI
PCKEN10
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More