Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S Fiches technique(PDF) 281 Page - STMicroelectronics

No de pièce STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Fiches technique(HTML) 281 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 277Page - STMicroelectronics STM8S Datasheet HTML 278Page - STMicroelectronics STM8S Datasheet HTML 279Page - STMicroelectronics STM8S Datasheet HTML 280Page - STMicroelectronics STM8S Datasheet HTML 281Page - STMicroelectronics STM8S Datasheet HTML 282Page - STMicroelectronics STM8S Datasheet HTML 283Page - STMicroelectronics STM8S Datasheet HTML 284Page - STMicroelectronics STM8S Datasheet HTML 285Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 467 page
background image
DocID14587 Rev 14
281/467
RM0016
Serial peripheral interface (SPI)
287
Wakeup event flag
WKUP
WKIE
Yes
Yes
Master mode fault event
MODF
ERRIE
Yes
No
Overrun error
OVR
Yes
No
CRC error flag
CRCERR
Yes
No
Table 46. SPI interrupt requests (continued)
Interrupt event
Event
flag
Enable
control
bit
Exit
from
Wait
Exit
from
Halt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More