Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S Fiches technique(PDF) 271 Page - STMicroelectronics

No de pièce STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Fiches technique(HTML) 271 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 267Page - STMicroelectronics STM8S Datasheet HTML 268Page - STMicroelectronics STM8S Datasheet HTML 269Page - STMicroelectronics STM8S Datasheet HTML 270Page - STMicroelectronics STM8S Datasheet HTML 271Page - STMicroelectronics STM8S Datasheet HTML 272Page - STMicroelectronics STM8S Datasheet HTML 273Page - STMicroelectronics STM8S Datasheet HTML 274Page - STMicroelectronics STM8S Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 467 page
background image
DocID14587 Rev 14
271/467
RM0016
Serial peripheral interface (SPI)
287
Figure 94. TXE/RXNE/BSY behavior in full duplex mode (RXONLY = 0).
Case of continuous transfers
Figure 95. TXE/RXNE/BSY behavior in slave / full duplex mode
(BDM = 0, RXONLY = 0). Case of continuous transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More