Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S Fiches technique(PDF) 226 Page - STMicroelectronics

No de pièce STM8S
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S Fiches technique(HTML) 226 Page - STMicroelectronics

Back Button STM8S Datasheet HTML 222Page - STMicroelectronics STM8S Datasheet HTML 223Page - STMicroelectronics STM8S Datasheet HTML 224Page - STMicroelectronics STM8S Datasheet HTML 225Page - STMicroelectronics STM8S Datasheet HTML 226Page - STMicroelectronics STM8S Datasheet HTML 227Page - STMicroelectronics STM8S Datasheet HTML 228Page - STMicroelectronics STM8S Datasheet HTML 229Page - STMicroelectronics STM8S Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 467 page
background image
16-bit general purpose timers (TIM2, TIM3, TIM5)
RM0016
226/467
DocID14587 Rev 14
18.4.3
Capture/compare channels
Input stage
Refer to Section 17.5: TIM1 capture/compare channels on page 166.
There are two input channels, as shown in Figure 85: Input stage block diagram.
Figure 85. Input stage block diagram
Figure 86. Input stage of TIM 2 channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More