| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S Fiches technique(PDF) 159 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S Fiches technique(HTML) 159 Page - STMicroelectronics |
|
159 / 467 page ![]() DocID14587 Rev 14 159/467 RM0016 16-bit advanced control timer (TIM1) 261 17.4.6 Synchronization between TIM1, TIM5 and TIM6 timers On STM8AF and STM8S low-density devices, the timers are linked together internally for timer synchronization or chaining. When one timer is configured in master mode, it can output a trigger (TRGO) to reset, start, stop, or clock the counter of any other timer configured in slave mode. |