| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S Fiches technique(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S Fiches technique(HTML) 127 Page - STMicroelectronics |
|
127 / 467 page ![]() DocID14587 Rev 14 127/467 RM0016 Independent watchdog (IWDG) 127 14.3.3 Reload register (IWDG_RLR) Address offset: 0x02 Reset value: 0xFF 14.3.4 IWDG register map and reset values 7 654 3210 RL[7:0] rw Bits 7:0 RL[7:0]: Watchdog counter reload value These bits are write access protected (see Section 14.2). They are written by software to define the value to be loaded in the watchdog counter each time the value 0xAA is written in the IWDG_KR register. The watchdog counter counts down from this value. The timeout period is a function of this value and the clock prescaler. Refer to Table 28. Table 29. IWDG register map Address offset Register name 765 432 10 0x00 IWDG_KR Reset value KEY[7:0] xxxxxxxx 0x01 IWDG_PR Reset value - 0 - 0 - 0 - 0 - 0 PR2[2:0] 000 0x02 IWDG_RLR Reset value RL7[7:0] 11111111 |