Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0016 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 25Page - STMicroelectronics RM0016 Datasheet HTML 26Page - STMicroelectronics RM0016 Datasheet HTML 27Page - STMicroelectronics RM0016 Datasheet HTML 28Page - STMicroelectronics RM0016 Datasheet HTML 29Page - STMicroelectronics RM0016 Datasheet HTML 30Page - STMicroelectronics RM0016 Datasheet HTML 31Page - STMicroelectronics RM0016 Datasheet HTML 32Page - STMicroelectronics RM0016 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 467 page
background image
DocID14587 Rev 14
29/467
RM0016
Boot ROM
29
2
Boot ROM
The internal 2 Kbyte boot ROM (available in some devices) contains the bootloader code.
Its main tasks are to download the application program to the internal Flash/EEPROM
through the SPI, CAN, or UART interface, and to program the code, data, option bytes and
interrupt vectors in internal Flash/EEPROM.
To perform bootlloading in LIN mode, a different bootloader communication protocol is
implemented on UART2/UART3 and UART1.
The boot loader starts executing after reset. Refer to the STM8 bootloader user manual
(UM0560) for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More