Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0016 Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button RM0016 Datasheet HTML 140Page - STMicroelectronics RM0016 Datasheet HTML 141Page - STMicroelectronics RM0016 Datasheet HTML 142Page - STMicroelectronics RM0016 Datasheet HTML 143Page - STMicroelectronics RM0016 Datasheet HTML 144Page - STMicroelectronics RM0016 Datasheet HTML 145Page - STMicroelectronics RM0016 Datasheet HTML 146Page - STMicroelectronics RM0016 Datasheet HTML 147Page - STMicroelectronics RM0016 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 467 page
background image
16-bit advanced control timer (TIM1)
RM0016
144/467
DocID14587 Rev 14
Figure 35. Counter update when ARPE = 0 (ARR not preloaded) with prescaler = 2
In Figure 36 the prescaler divider is set to 1, so CK_CNT has the same frequency as
CK_PSC. The auto-reload preload is enabled (ARPE = 1), so the next counter overflow
occurs at 0xFF. The new auto-reload value register value of 36h is taken into account after
the overflow which generates a UEV.
Figure 36. Counter update event when ARPE = 1 (TIM1_ARR preloaded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More