Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2127AT Fiches technique(PDF) 43 Page - NXP Semiconductors

No de pièce PCF2127AT
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127AT Fiches technique(HTML) 43 Page - NXP Semiconductors

Back Button PCF2127AT Datasheet HTML 39Page - NXP Semiconductors PCF2127AT Datasheet HTML 40Page - NXP Semiconductors PCF2127AT Datasheet HTML 41Page - NXP Semiconductors PCF2127AT Datasheet HTML 42Page - NXP Semiconductors PCF2127AT Datasheet HTML 43Page - NXP Semiconductors PCF2127AT Datasheet HTML 44Page - NXP Semiconductors PCF2127AT Datasheet HTML 45Page - NXP Semiconductors PCF2127AT Datasheet HTML 46Page - NXP Semiconductors PCF2127AT Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
43 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
• the watchdog timer starts again
Loading the counter with 0 will:
• reset the flag WDTF
• clear INT or RST
• stop the watchdog timer
Remark: WDTF is read only and cannot be cleared by command. WDTF can be cleared
by:
• loading a value in register Watchdg_tim_val
• reading of the register Control_2
Writing a logic 0 or logic 1 to WDTF has no effect.
• When the watchdog timer counter reaches 1, the watchdog timer flag WDTF is set
logic 1
• When a minute or second interrupt occurs, the minute/second flag MSF is set logic 1
(see Section 8.13.1)
Counter reached 1, WDTF is logic 1, and an interrupt is generated.
Fig 23. WD_CD[1:0] = 10: watchdog activates an interrupt when timed out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100