| Moteur de recherche de fiches techniques de composants électroniques |
|
FXPS7115D4 Fiches technique(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXPS7115D4 Fiches technique(HTML) 30 Page - NXP Semiconductors |
|
30 / 72 page ![]() NXP Semiconductors FXPS7115D4 Digital absolute pressure sensor, 40 kPa to 115 kPa FXPS7115D4 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 3 — 5 December 2019 30 / 72 Bit Address Register Type[1] 7 6 5 4 3 2 1 0 Sensor Specific Information - User Readable Registers with OTP $A0 DSP_CFG_F F DEV_RANGE[3:0] reserved reserved reserved reserved $A1 to $AE reserved F reserved $AF CRC_F_A F LOCK_F_A REGA_BLOCKID[2:0] CRC_F_A[3:0] $B0 to $BE reserved F reserved $BF CRC_F_B F LOCK_F_B REGB_BLOCKID[2:0] CRC_F_B[3:0] Traceability Information $C0 ICTYPEID F ICTYPEID[7:0] $C1 ICREVID F ICREVID[7:0] $C2 ICMFGID F ICMFGID[7:0] $C3 reserved F reserved $C4 PN0 F PN0[7:0] $C5 PN1 F PN1[7:0] $C6 SN0 F SN[7:0] $C7 SN1 F SN[15:8] $C8 SN2 F SN[23:16] $C9 SN3 F SN[31:24] $CA SN4 F SN[39:32] $CB ASICWFR# F ASICWFR#[7:0] $CC ASICWFR_X F ASICWFR_X[7:0] $CD ASICWFR_Y F ASICWFR_Y[7:0] $CE reserved F reserved $CF CRC_F_C F LOCK_F_C REGC_BLOCKID[2:0] CRC_F_C[3:0] $D0 ASICWLOT_L F ASICWLOT_L[7:0] $D1 ASICWLOT_H F ASICWLOT_H[7:0] $D2 reserved — reserved $D3 reserved — reserved $D4 reserved — reserved $D5 reserved — reserved $D6 to $DE reserved F reserved $DF CRC_F_D F LOCK_F_D REGD_BLOCKID[2:0] CRC_F_D[3:0] $E0 USERDATA_0 UF2 USERDATA_0[7:0] $E1 USERDATA_1 UF2 USERDATA_1[7:0] $E2 USERDATA_2 UF2 USERDATA_2[7:0] $E3 USERDATA_3 UF2 USERDATA_3[7:0] $E4 USERDATA_4 UF2 USERDATA_4[7:0] $E5 USERDATA_5 UF2 USERDATA_5[7:0] $E6 USERDATA_6 UF2 USERDATA_6[7:0] $E7 USERDATA_7 UF2 USERDATA_7[7:0] $E8 USERDATA_8 UF2 USERDATA_8[7:0] $E9 USERDATA_9 UF2 USERDATA_9[7:0] $EA USERDATA_A UF2 USERDATA_A[7:0] $EB USERDATA_B UF2 USERDATA_B[7:0] |