Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XAM6527ACDXEAF Fiches technique(PDF) 72 Page - Texas Instruments

No de pièce XAM6527ACDXEAF
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

XAM6527ACDXEAF Fiches technique(HTML) 72 Page - Texas Instruments

Back Button XAM6527ACDXEAF Datasheet HTML 68Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 69Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 70Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 71Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 72Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 73Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 74Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 75Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 277 page
background image
72
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2019, Texas Instruments Incorporated
Table 4-25. GPIO1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
ACD [4]
GPIO1_0
General Purpose Input/Output
IO
AD18
GPIO1_1
General Purpose Input/Output
IO
AH18
GPIO1_2
General Purpose Input/Output
IO
D25
GPIO1_3
General Purpose Input/Output
IO
B26
GPIO1_4
General Purpose Input/Output
IO
A24
GPIO1_5
General Purpose Input/Output
IO
E24
GPIO1_6
General Purpose Input/Output
IO
A25
GPIO1_7
General Purpose Input/Output
IO
C26
GPIO1_8
General Purpose Input/Output
IO
E25
GPIO1_9
General Purpose Input/Output
IO
A26
GPIO1_10
General Purpose Input/Output
O
B25
GPIO1_11
General Purpose Input/Output
IO
B27
GPIO1_12
General Purpose Input/Output
I
C25
GPIO1_13
General Purpose Input/Output
IO(1)
A23
GPIO1_14
General Purpose Input/Output
IO(1)
B23
GPIO1_15
General Purpose Input/Output
IO
AG13
GPIO1_16
General Purpose Input/Output
IO
AF13
GPIO1_17
General Purpose Input/Output
IO
AH13
GPIO1_18
General Purpose Input/Output
IO
AE13
GPIO1_19
General Purpose Input/Output
IO
AD13
GPIO1_20
General Purpose Input/Output
IO
AD12
GPIO1_21
General Purpose Input/Output
IO
AG12
GPIO1_22
General Purpose Input/Output
IO
AH12
GPIO1_23
General Purpose Input/Output
IO
AE12
GPIO1_24
General Purpose Input/Output
IO
AF12
GPIO1_25
General Purpose Input/Output
IO
AF11
GPIO1_26
General Purpose Input/Output
IO
AE11
GPIO1_27
General Purpose Input/Output
IO
AG11
GPIO1_28
General Purpose Input/Output
IO
AD11
GPIO1_29
General Purpose Input/Output
IO
V24
GPIO1_30
General Purpose Input/Output
IO
W25
GPIO1_31
General Purpose Input/Output
IO
W24
GPIO1_32
General Purpose Input/Output
IO
AA27
GPIO1_33
General Purpose Input/Output
IO
Y24
GPIO1_34
General Purpose Input/Output
IO
V28
GPIO1_35
General Purpose Input/Output
IO
Y25
GPIO1_36
General Purpose Input/Output
IO
U27
GPIO1_37
General Purpose Input/Output
IO
V27
GPIO1_38
General Purpose Input/Output
IO
V26
GPIO1_39
General Purpose Input/Output
IO
U25
GPIO1_40
General Purpose Input/Output
IO
AB25
GPIO1_41
General Purpose Input/Output
IO
AD27
GPIO1_42
General Purpose Input/Output
IO
AC26
GPIO1_43
General Purpose Input/Output
IO
AD26
GPIO1_44
General Purpose Input/Output
IO
AA24
GPIO1_45
General Purpose Input/Output
IO
AD28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More