Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XAM6527ACDXEAF Fiches technique(PDF) 62 Page - Texas Instruments

No de pièce XAM6527ACDXEAF
Description  Processors Silicon Revision 1.0
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

XAM6527ACDXEAF Fiches technique(HTML) 62 Page - Texas Instruments

Back Button XAM6527ACDXEAF Datasheet HTML 58Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 59Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 60Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 61Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 62Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 63Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 64Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 65Page - Texas Instruments XAM6527ACDXEAF Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 277 page
background image
62
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Terminal Configuration and Functions
Copyright © 2017–2019, Texas Instruments Incorporated
4.3.4
DDRSS
4.3.4.1
MAIN Domain
Table 4-8. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN
TYPE [3]
BALL [4]
DDR_AC0
DDRSS Address and Command Bus
IO
A10
DDR_AC1
DDRSS Address and Command Bus
IO
D9
DDR_AC2
DDRSS Address and Command Bus
IO
C9
DDR_AC3
DDRSS Address and Command Bus
IO
E9
DDR_AC4
DDRSS Address and Command Bus
IO
A9
DDR_AC5
DDRSS Address and Command Bus
IO
E8
DDR_AC6
DDRSS Address and Command Bus
IO
F8
DDR_AC7
DDRSS Address and Command Bus
IO
C7
DDR_AC8
DDRSS Address and Command Bus
IO
C8
DDR_AC9
DDRSS Address and Command Bus
IO
D7
DDR_AC10
DDRSS Address and Command Bus
IO
E7
DDR_AC11
DDRSS Address and Command Bus
IO
A6
DDR_AC12
DDRSS Address and Command Bus
IO
F7
DDR_AC13
DDRSS Address and Command Bus
IO
D6
DDR_AC14
DDRSS Address and Command Bus
IO
C6
DDR_AC15
DDRSS Address and Command Bus
IO
F6
DDR_AC16
DDRSS Address and Command Bus
IO
E6
DDR_AC17
DDRSS Address and Command Bus
IO
E5
DDR_AC18
DDRSS Address and Command Bus
IO
D8
DDR_AC19
DDRSS Address and Command Bus
IO
D10
DDR_AC20
DDRSS Address and Command Bus
IO
E10
DDR_AC21
DDRSS Address and Command Bus
IO
C10
DDR_AC22
DDRSS Address and Command Bus
IO
F11
DDR_AC23
DDRSS Address and Command Bus
IO
B10
DDR_AC24
DDRSS Address and Command Bus
IO
D11
DDR_AC25
DDRSS Address and Command Bus
IO
B11
DDR_AC26
DDRSS Address and Command Bus
IO
C11
DDR_AC27
DDRSS Address and Command Bus
IO
E11
DDR_AC28
DDRSS Address and Command Bus
IO
E12
DDR_AC29
DDRSS Address and Command Bus
IO
D12
DDR_ALERTn
DDRSS Parity Error
IO
D5
DDR_CK0N
DDRSS Differential Clock (negative)
IO
B8
DDR_CK0P
DDRSS Differential Clock (positive)
IO
A8
DDR_CK1N
DDRSS Differential Clock (negative)
IO
B7
DDR_CK1P
DDRSS Differential Clock (positive)
IO
A7
DDR_DM0
DDRSS Data Mask
IO
E1
DDR_DM1
DDRSS Data Mask
IO
C5
DDR_DM2
DDRSS Data Mask
IO
D14
DDR_DM3
DDRSS Data Mask
IO
B17
DDR_DQ0
DDRSS Data
IO
A3
DDR_DQ1
DDRSS Data
IO
B2
DDR_DQ2
DDRSS Data
IO
C2
DDR_DQ3
DDRSS Data
IO
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More