| Moteur de recherche de fiches techniques de composants électroniques |
|
AFD4400 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AFD4400 Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 101 page ![]() AFD4400 Digital Front End Processor Data Sheet, Rev. 0 Pinout list Freescale Semiconductor 8 FLASH_CS1_B GPIOD15 Flash Chip Select 1 AB26 I/O FVDD FLASH_CS2_B QSPI_CS_B Flash Chip Select 2 AB30 Out FVDD FLASH_BE0_B GPIOD16 Flash Byte Enable AA27 I/O FVDD FLASH_BE1_B GPIOD17 Flash Byte Enable AC26 I/O FVDD FLASH_OE_B GPIOD18 Flash Output Enable AC29 I/O FVDD FLASH_WE_B GPIOD19 Flash Write Enable AD28 I/O FVDD FLASH_WAIT_B GPIOD20 Flash Busy/Ready/Wait AC32 I/O FVDD FLASH_BCLK GPIOD21 Flash Burst Clock AC34 I/O FVDD FLASH_ADV_B GPIOD22 Flash Address Valid AB28 I/O FVDD SPI-1 interface SPI1_MOSI GPIOE0 SPI1_MISO SPI1 Master Out Slave In G16 I/O GVDD3 SPI1_MISO GPIOE1 SPI1 Master In Slave Out B16 I/O GVDD3 SPI1_CLK GPIOD22 SPI1 Serial Clock A15 I/O GVDD3 SPI1_SS0 GPIOD23 SPI1 Slave Select 0 E16 I/O GVDD3 SPI1_SS1 GPIOE23 SPI1 Slave Select 1 D16 I/O GVDD3 SPI-2 interface SPI2_MOSI GPIOE2 SPI2_MISO SPI2 Master Out Slave In Data A16 I/O GVDD3 SPI2_MISO GPIOE3 SPI2 Master In Slave Out Data D17 I/O GVDD3 SPI2_CLK GPIOD24 SPI2 Serial Clock H17 I/O GVDD3 SPI2_SS0 GPIOD25 SPI2 Slave Select 0 G17 I/O GVDD3 SPI2_SS1 GPIOE24 SPI2 Slave Select 1 F17 I/O GVDD3 SPI-3 interface SPI3_MOSI GPIOE4 SPI3_MISO SPI3 Master Out Slave In Data C17 I/O GVDD3 Table 1. AFD4400 Pinout Signal Description Package Pin Pin Type Power Supply |