| Moteur de recherche de fiches techniques de composants électroniques |
|
AFD4400 Fiches technique(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AFD4400 Fiches technique(HTML) 28 Page - NXP Semiconductors |
|
28 / 101 page ![]() AFD4400 Digital Front End Processor Data Sheet, Rev. 0 Pinout list Freescale Semiconductor 28 TX4_SYNC_P Synchronization for TX4 AP5 In LVDD1 TX5_SYNC_N Synchronization for TX5 AK6 In LVDD1 TX5_SYNC_P Synchronization for TX5 AL6 In LVDD1 TX6_SYNC_N Synchronization for TX6 AL5 In LVDD1 TX6_SYNC_P Synchronization for TX6 AK5 In LVDD1 TX7_SYNC_N Synchronization for TX7 AH9 In LVDD1 TX7_SYNC_P Synchronization for TX7 AG9 In LVDD1 TX8_SYNC_N Synchronization for TX8 AG10 In LVDD1 TX8_SYNC_P Synchronization for TX8 AH10 In LVDD1 RX1_SYNC_N Synchronization for RX1 P10 Out LVDD2 RX1_SYNC_P Synchronization for RX1 P9 Out LVDD2 RX2_SYNC_N Synchronization for RX2 M7 Out LVDD2 RX2_SYNC_P Synchronization for RX2 M6 Out LVDD2 RX3_SYNC_N Synchronization for RX3 N9 Out LVDD2 RX3_SYNC_P Synchronization for RX3 N10 Out LVDD2 RX4_SYNC_N Synchronization for RX4 L7 Out LVDD2 RX4_SYNC_P Synchronization for RX4 L6 Out LVDD2 RX5_SYNC_N Synchronization for RX5 H5 Out LVDD2 RX5_SYNC_P Synchronization for RX5 H4 Out LVDD2 RX6_SYNC_N Synchronization for RX6 K5 Out LVDD2 RX6_SYNC_P Synchronization for RX6 K4 Out LVDD2 RX7_SYNC_N Synchronization for RX7 G3 Out LVDD2 RX7_SYNC_P Synchronization for RX7 G2 Out LVDD2 RX8_SYNC_N Synchronization for RX8 L10 Out LVDD2 RX8_SYNC_P Synchronization for RX8 L9 Out LVDD2 RX9_SYNC_N Synchronization for RX9 C2 Out LVDD2 RX9_SYNC_P Synchronization for RX9 C1 Out LVDD2 RX10_SYNC_N Synchronization for RX10 J7 Out LVDD2 RX10_SYNC_P Synchronization for RX10 J6 Out LVDD2 RX11_SYNC_N Synchronization for RX11 E2 Out LVDD2 RX11_SYNC_P Synchronization for RX11 E1 Out LVDD2 RX12_SYNC_N Synchronization for RX12 G7 Out LVDD2 RX12_SYNC_P Synchronization for RX12 G6 Out LVDD2 Ethernet interface SGMII1_TXDAT_P Ethernet Data Out U6 Out SD2_XPADVDD SGMII1_TXDAT_N Ethernet Data Out U7 Out SD2_XPADVDD SGMII1_RXDAT_P Ethernet Data In L1 In SD2_XCOREVDD SGMII1_RXDAT_N Ethernet Data In L2 In SD2_XCOREVDD SGMII2_TXDAT_P Ethernet Data Out T4 Out SD2_XPADVDD SGMII2_TXDAT_N Ethernet Data Out T5 Out SD2_XPADVDD SGMII2_RXDAT_P Ethernet Data In J1 In SD2_XCOREVDD SGMII2_RXDAT_N Ethernet Data In J2 In SD2_XCOREVDD Table 1. AFD4400 Pinout Signal Description Package Pin Pin Type Power Supply |