Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1102 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce DSC1102
Description  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1102 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button DSC1102 Datasheet HTML 3Page - Microchip Technology DSC1102 Datasheet HTML 4Page - Microchip Technology DSC1102 Datasheet HTML 5Page - Microchip Technology DSC1102 Datasheet HTML 6Page - Microchip Technology DSC1102 Datasheet HTML 7Page - Microchip Technology DSC1102 Datasheet HTML 8Page - Microchip Technology DSC1102 Datasheet HTML 9Page - Microchip Technology DSC1102 Datasheet HTML 10Page - Microchip Technology DSC1102 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2019 Microchip Technology Inc.
DS20006254A-page 7
DSC1102/22
3.2
Typical Termination Scheme
VDD
R1
2
34
5
6
R3
R2
R4
VDD
FIGURE 3-4:
Typical Termination Scheme.
The values for R1, R2, R3, and R4 in the termination scheme depend on what VDD is used. Table 3-1 lists the
recommended values for each resistor depending on VDD.
TABLE 3-1:
RECOMMENDED RESISTOR VALUES
VDD
R1, R3
R2, R4
3.3V
130Ω
82Ω
2.5V
249Ω
62Ω
3.3
Test Circuit
FIGURE 3-5:
Test Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28