Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC852TZT50 Fiches technique(PDF) 75 Page - Freescale Semiconductor, Inc

No de pièce MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Fiches technique(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
75
Mechanical Data and Ordering Information
GND
H7, H8, H9, H10, H11, H12, J7, J8, J9, J10, J11, J12, K7, K8, K9,
K10, K11, K12, L7, L8, L9, L10, L11, L12
Power
VDDL
B8, D2, E17, H16, M5, N3, T2, N16, U9
Power
VDDH
G6, G7, G8, G9, G10, G11, G12, G13, H6, H13, J6, J13, K6, K13,
L6, L13, M6, M7, M8, M9, M10, M11, M12, M13
Power
N/C
B2, B17, C17, D16, E15, F13, M14, N5, R16, T17, U2, U17
No-connect
Table 31. Pin Assignments - non-JEDEC (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80