| Moteur de recherche de fiches techniques de composants électroniques |
|
CS6403 Fiches technique(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS6403 Fiches technique(HTML) 35 Page - Cirrus Logic |
|
35 / 54 page ![]() Resolution The number of bits in the input words to the DAC, and in the output words from the ADC. Total Dynamic Range TDR is the ratio of the rms value of a full scale signal to the lowest obtainable noise floor. It is measured by comparing a full scale signal to the lowest noise floor possible in the codec (i.e., attenuation bits for the DAC at full attenuation). Units in dB. Total Harmonic Distortion THD is the ratio of the rms amplitude of the test signal to the rms sum of all the harmonic components. 1 kHz is used for testing. Units in dB. CS6403 DS192PP6 35 |