Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS6403 Fiches technique(PDF) 18 Page - Cirrus Logic

No de pièce CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Fiches technique(HTML) 18 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 14Page - Cirrus Logic CS6403 Datasheet HTML 15Page - Cirrus Logic CS6403 Datasheet HTML 16Page - Cirrus Logic CS6403 Datasheet HTML 17Page - Cirrus Logic CS6403 Datasheet HTML 18Page - Cirrus Logic CS6403 Datasheet HTML 19Page - Cirrus Logic CS6403 Datasheet HTML 20Page - Cirrus Logic CS6403 Datasheet HTML 21Page - Cirrus Logic CS6403 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
After reset (or after CR0 is written), at least four
data words must be written to the CS6403 before
another control-word access may be executed.
For example, the following serial-data sequence
will reset the CS6403, set CR0 to a new value,
and initialize CR1 and CR2:
hex data
intent
8800
Software reset
8000
Release reset
8400
Enter "sleep" mode
8[0-3]XX
Update CR0 (with "[0-3]XX")
0000
dummy data 1
0000
dummy data 2
0000
dummy data 3
0000
dummy data 4
9XXX
Update CR1
AXXX
Update CR2
0000
First real data item
In the following tables describing each bit of the
control registers, the bit names of each 12-bit
register are at the top of the page.
The Reset
state of each register is shown immediately be-
low the bit names at the top of the page. The
Reset state is also noted by an "R" beside the
appropriate value in the "value" column.
CS6403
18
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54