| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT75VL00D Fiches technique(PDF) 56 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT75VL00D Fiches technique(HTML) 56 Page - Exar Corporation |
|
56 / 92 page ![]() XRT75VL00D E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER REV. 1.0.3 51 Since the TOH bytes occupy the first three byte columns of each STS-1 frame, and since each STS-1 frame consists of nine (9) rows, then we can state that the TOH (within each STS-1 frame) consists of 3 byte columns x 9 rows = 27 bytes. The byte format of the TOH is presented below in Figure 33. FIGURE 32. A SIMPLE ILLUSTRATION OF THE STS-1 FRAME STRUCTURE WITH THE TOH AND THE ENVELOPE CAPACITY BYTES DESIGNATED TOH Envelope Capacity 87 Bytes 3 Bytes 90 Bytes 9 Row |