Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9929XP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L9929XP
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929XP Fiches technique(HTML) 5 Page - STMicroelectronics

  L9929XP Datasheet HTML 1Page - STMicroelectronics L9929XP Datasheet HTML 2Page - STMicroelectronics L9929XP Datasheet HTML 3Page - STMicroelectronics L9929XP Datasheet HTML 4Page - STMicroelectronics L9929XP Datasheet HTML 5Page - STMicroelectronics L9929XP Datasheet HTML 6Page - STMicroelectronics L9929XP Datasheet HTML 7Page - STMicroelectronics L9929XP Datasheet HTML 8Page - STMicroelectronics L9929XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
L9929
(*) In case of SC OUTx to gnd resp. to VS the SC switch off current is always higher than the start value of current regulation (
∆|IOUK| = |IOUK|
- |IOUmax|
Logic inputs
VIH
Logic Input Voltage High
IN1, IN2, DI, EN
2.14
V
VIL
Logic Input Voltage Low
IN1, IN2, DI, EN
0.86
V
VH
Logic Input Voltage Hysteresis
IN1, IN2, DI, EN
0.1
0.6
V
II
Logic Input Current
IN1, IN2, DI
VI
≤ 1V
-200
-125
µA
IEN
Logic Input Current EN
VIEN
≥ 1V
100
µA
tdt
Detection Time EN, DI
3
4
µs
Power Outputs (OUT1, OUT2)
RS
Switch on Resistance LS
ROUT-Vs, VS > 5 V
150
250
m
Ω
Switch on Resistance HS
ROUT-GND, VS > 5 V
150
250
m
Ω
|IOU|max
Switch-off Current (*)
-40 °C < Tj < 165 °C
Tj < 175 °C
7.8
8.6
2.5
10.5(tbd)
A
A
ta
Switch-off time
12
17
22
µs
tb
Blanking time
811.5
15
µs
ta/tb
Tracking
1.3
1.5
1.7
|IOUK|
Short circuit detection current (*)
8.9
10.6
-
A
∆|IOUK|
Short Circuit Current Trecking (*)
1.3
2.0
-
A
t
Reactivation time after internal
shut down
Overcurrent- or overtemperature
shut down to reactivation of the
output stage
200
µs
IL
Leakage Current
Output stage switched off
1
mA
VFD
Free-wheel diode forward voltage
IO = 3A, VS = 0V
2
V
ISF
Output„high“ (SF not set)
VSF = 5V
20
µA
ISF
Output„low“ (SF set)
VSF = 0.5V
350
µA
VSF = 0.8V
400
µA
VSF = 1V
400
µA
Timing
f
Maximum PWM Frequency
min. operating time 10
µs
Device can not be controlled with
higher frequency (specify in max
ratings?)
230
kHz
fS
Switching Frequency during
current limitation
f = 1/(ta+tb)20
50
kHz
tdon
Output ON-delay
IN1 --> OUT1 or IN2 --> OUT2
37.5
µs
tdoff
Output OFF-delay
3
5
µs
tr
Output rise time
OUT1H--> OUT1L, OUT2H--> OUT2L,
IOUT = 3 A
OUT1L--> OUT1H, OUT2L--> OUT2H
15
µs
tf
Outout fall time
1
3
µs
tddis
Disable Delay Time
DI --> OUTn, En --> OUTn
3
7
µs
tdp
Power on Delay Time
VS = on --> output stage active
1
ms
terr
Delay time for fault detection
1
6
µs
Table 6. Electrical Characteristcs (continued)
( Tj = -40 to +150°C; VS = 5 to 28V)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23