Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9929XP Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce L9929XP
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929XP Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button L9929XP Datasheet HTML 15Page - STMicroelectronics L9929XP Datasheet HTML 16Page - STMicroelectronics L9929XP Datasheet HTML 17Page - STMicroelectronics L9929XP Datasheet HTML 18Page - STMicroelectronics L9929XP Datasheet HTML 19Page - STMicroelectronics L9929XP Datasheet HTML 20Page - STMicroelectronics L9929XP Datasheet HTML 21Page - STMicroelectronics L9929XP Datasheet HTML 22Page - STMicroelectronics L9929XP Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
L9929
8
APPENDIX B
Figure 19. Voltage Supply of SPI-Logic and EN/DI-Logic
SPI-
Logic
EN/DI-
Logic
Undervoltage
on VBatt
DMS
SO
SI
SCK
SS
EN
DI
VBatt
DMS = GND EN/DI-Logic is supplied from internal VCC
DMS = VCC EN/DI-Logic is supplied from DMS (OR int. VCC)
Output-
Stage
Failure and Status
Output Stage
Status
EN/DI
internal
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23