| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P451SWM Fiches technique(PDF) 32 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P451SWM Fiches technique(HTML) 32 Page - ELAN Microelectronics Corp |
|
32 / 54 page ![]() EM78P451S 8-Bit Microcontroller with OTP ROM 28 • Product Specification (V1.0) 06.01.2004 (This specification is subject to change without further notice) MOV 0x05,A MOV 0X06,A MOV A,@0XFF IOW 0X08 MOV A,@0B11001111 ;Set prescaler for WDT CONTW MOV A,@0B00010001 ;Disable wakeup function IOW 0X0E MOV A,@0B00000010 ;Enable external interrupt IOW 0XF ENI MOV A,@0B00110111 IOW 0x09 BC 0X3F,1 ;Clear RBFIF flag NOP JBS 0X3F,1 ;Polling loop for checking interrupt occurence JMP $-2 JMP INTERRUPT SPI: BS 0X0D,4 ;Keep SSE enabled as long as possible WDTC MOV A,@0X0F ;Show a signal when entering SPI loop MOV 0X06,A JBC 0X08,1 ;Choose P81 as a signal button JMP SPI MOV A,@0X5A ;Move 5A into write buffer when P81 button is pushed MOV 0X0B,A NOP JBC 0X0D,4 ;Polling loop for checking SPI transmission completed JMP $-2 BS 0XD,4 |