Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM78P451SWM Fiches technique(PDF) 22 Page - ELAN Microelectronics Corp

No de pièce EM78P451SWM
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SWM Fiches technique(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM78P451SWM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P451SWM Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
18
•
Product Specification (V1.0) 06.01.2004
(This specification is subject to change without further notice)
SDI
SDO
SCK
/SS
P50
P51
P52
P53
Master
Slave Device 1
Slave Device 2
Slave Device 3
Slave Device 4
Vdd
Fig. 9 The SPI Configuration of Single-Master and Multi-Slave
or
Slave1
Slave 2 for master 1
Slave 3 for Master 1/2
Slave 4 for Master1/2
Slave 5 for Master 2
or
Slave6
SDI
SDO
SCK
/SS
SDI
SDO
SCK
/SS
P50
P51
P52
P53
P50
P51
P52
P53
Master1
Master2
Fig. 10 The SPI Configuration of Single-Master and Multi-Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54