Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDSUSBF Fiches technique(PDF) 8 Page - TEKTRONIX, INC.

No de pièce TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEKTRONIX [TEKTRONIX, INC.]
Site Internet  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Fiches technique(HTML) 8 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 4Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 5Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 6Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 7Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 8Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 9Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 10Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 11Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 12Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
TekExpress® SATA Automated Compliance Test Software – Complete support for
SATA Gen1/2/3 defined test suites for transmitters and receivers. Reduce your
compliance test time by approximately 70% with simple, efficient automation of all
required test suites with TekExpress® software. Also included is auto-recognition of all
required test equipment, precise DUT/Host control, and one-button testing.
TekExpress® PCI Express Gen 1/2/3 Automated Test Software (Option PCE3) -
Provides the most comprehensive solution for PCI Express Gen 1/2/3 transmitter
compliance testing as well as debug and validation of PCI Express devices against the
PCI-SIG specifications. The application automates selection of appropriate fixture de-
embed and reference channel emulation filters and measurement selections based on
test type, device data rate, transmitter equalization, link width, and selected probes. In
addition, the Option PCE3 application includes a TekExpress compliance automation
solution that integrates the PCI-SIG's Sigtest test software with Tektronix' DPOJET-
based PCI Express Jitter and Eye Diagram & SDLA Serial Data Link Analysis Visualizer
analysis tools for debug. Results are presented in a comprehensive HTML format for
engineering test documentation.
TekExpress® MHL Advanced Analysis and Compliance Software (Option MHD) -
Provides the most comprehensive solution for MHL 1.0/2.0/1.3/2.1 compliance testing as
well as debug and validation of MHL devices against the latest MHL specifications. The
application automates Transmitter, Sink and Dongle Electrical tests. Results are
presented in a comprehensive HTML format for engineering test documentation
Custom filter and de-embed capability
Create your own filters or use the filters provided as standard with the
MSO/DPO70000 Series to enhance your ability to isolate or remove a
component of your signal (noise or specific harmonics of the signal). These
customizable FIR filters can be used to implement signal-processing
techniques, such as removing signal pre-emphasis or minimizing the
effects of fixtures and cables connected to the device under test. Using the
optional Serial Data Link Analysis Visualizer (SDLA64) application, you can
gain further insight into serial data links with the capability to emulate the
serial data channel from its S-parameters, remove reflections, cross-
coupling, and loss caused by fixtures, cables, or probes, and open closed
eyes caused by channel effects using receiver equalization techniques,
such as CTLE, DFE, FFE. IBIS-AMI models for silicon-specific receiver
equalization can be used to observe on-chip behavior.
Datasheet
8 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46