| Moteur de recherche de fiches techniques de composants électroniques |
|
TDSUSBF Fiches technique(PDF) 35 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
TDSUSBF Fiches technique(HTML) 35 Page - TEKTRONIX, INC. |
|
35 / 46 page ![]() Option Description Opt. SR-AERO Aerospace Serial Triggering and Analysis (MIL-STD-1553B) Opt. SR-AUTO Automotive Serial Triggering and Analysis (CAN/LIN/FlexRay) Opt. SR-COMP Computer Serial Triggering and Analysis (RS-232/422/485/UART) Opt. SR-CUST Custom Serial Analysis Kit for Developers Opt. SR-DPHY MIPI® D-PHY (DSI / CSI2) Serial Analysis Opt. SR-EMBD Embedded Serial Triggering and Analysis (I2C, SPI) Opt. SR-ENET Ethernet Serial Analysis (10BASE-T and 100BASE-TX) Opt. SR-PCIE PCI Express Serial Analysis Opt. SR-USB USB Serial Triggering and Analysis Opt. SSIC SSIC Protocol Decoder Opt. SVA AM/FM/PM Audio Signal Analysis (Requires Opt. SVE) Opt. SVE SignalVu® Essentials – Vector Signal Analysis Software for oscilloscopes Opt. SVM General Purpose Digital Modulation Analysis (Requires Opt. SVE) Opt. SVO Flexible OFDM Analysis (Requires Opt. SVE) Opt. SVP Advanced Signal Analysis (including pulse measurements) (Requires Opt. SVE) Opt. SVT Settling Time, Frequency, and Phase (Requires Opt. SVE) Opt. SV23 WLAN 802.11a/b/g/j/p measurements (Requires Opt. SVE) Opt. SV24 WLAN 802.11n measurement application (Requires Opt. SV23) Opt. SV25 WLAN 802.11ac measurement application (Requires Opt. SV24) Opt. SV26 APCO P25 measurement application Opt. SV27 SignalVu Bluetooth Basic LE TX SIG measurements (Requires Opt. SVE) Opt. SV28 SignalVu LTE DownLink RF measurements (Requires Opt. SVE) Opt. SV30 IEEE 802.11AD SC Wideband Waveform Analysis (Requires Opt. SVE) Opt. SWX-DP Switch Matrix option for DisplayPort testing Opt. TBT-TX Thunderbolt TX Compliance Test Application Opt. VET Visual Trigger and Search Opt. 100G-TXE IEEE-802.3bm: CAUI4 and IEEE-802.3bj: KR4/CR4 100Gbps Transmitter Compliance. Requires DJA or DSA and DJAN Opt. 10G-KR 10GBASE-KR/KR4 Compliance and Debug Solution Opt. 400G-TXE IEEE-802.3bs/cd: 50-400GAUI, 50-200G-KR, 50-200G-CR, OIF-CEI (VSR, MR, LR) Electrical Transmitter Compliance. Requires DJA, DJAN, PAM4, SDLA64. Opt. 40G-CR4 40GBASE-CR4 Debug and Automated Compliance Solution Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series www.tek.com 35 |