Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4710AQ1TR Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STUSB4710AQ1TR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQ1TR Fiches technique(HTML) 4 Page - STMicroelectronics

  STUSB4710AQ1TR Datasheet HTML 1Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 2Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 3Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 4Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 5Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 6Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 7Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 8Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Functional description
STUSB4710
4/34
DocID030499 Rev 4
1
Functional description
The STUSB4710 is an autonomous USB power delivery controller optimized as a provider.
It offers an open-drain GPIO interface to make direct interconnection with a power
regulation stage.
The STUSB4710 offers the benefits of a full hardware USB PD stack allowing robust and
safe USB PD negotiation in line with USB PD standard. The STUSB4710 is ideal for
provider applications in which digital or software intelligence is limited or missing.
The STUSB4710 main functions are:
Detect the connection between two USB ports (attach detection)
Establish a valid host to device connection
Discover and configure VBUS: Type-C low, medium or high current mode
Resolve cable orientation
Negotiate a USB power delivery contract with a PD capable device
Configure the power source accordingly
Monitor VBUS, manage transitions, handle protections and ensure user and device
safety
Additionally, the STUSB4710 offers 5 customizable power data objects (PDOs), 5 general
purpose I/Os, an integrated discharge path, and is natively robust to high voltage peaks.
Figure 1: Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34