Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4710AQ1TR Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STUSB4710AQ1TR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQ1TR Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STUSB4710AQ1TR Datasheet HTML 3Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 4Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 5Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 6Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 7Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 8Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 9Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 10Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
STUSB4710
Inputs/outputs
DocID030499 Rev 4
7/34
Figure 4: STUSB4710DTR pin connections (top view)
2.2
Pin list
Table 2: Pin function list
Name
Type
Description
Connection
CC1
20 V analog IO
Configuration channel 1
Type-C receptacle A5
CC2
20 V analog IO
Configuration channel 2
Type-C receptacle B5
SCL
DI
I²C clock
To I²C master
– ext. pull-up
SDA
DI/OD
I2C data input/output
– active
low open-drain
To I²C master
– ext. pull-up
GND
Power
Ground
SEL_PDO3
OD
PD03 select flag
SEL_PDO2
OD
PD02 select flag
ADDR0
Analog
I2C address 0 bit
SEL_PDO4
OD
PD04 select flag
SEL_PDO5
OD
PD05 select flag
VBUS_SENSE
20 V AI
VBUS voltage monitoring and
discharge path
From VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34