Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4710 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STUSB4710
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STUSB4710 Datasheet HTML 22Page - STMicroelectronics STUSB4710 Datasheet HTML 23Page - STMicroelectronics STUSB4710 Datasheet HTML 24Page - STMicroelectronics STUSB4710 Datasheet HTML 25Page - STMicroelectronics STUSB4710 Datasheet HTML 26Page - STMicroelectronics STUSB4710 Datasheet HTML 27Page - STMicroelectronics STUSB4710 Datasheet HTML 28Page - STMicroelectronics STUSB4710 Datasheet HTML 29Page - STMicroelectronics STUSB4710 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Package information
STUSB4710
26/34
DocID030499 Rev 4
Table 17: QFN24 EP 4x4 mm mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
D
3.95
4.00
4.05
D2
2.55
2.70
2.80
E
3.95
4.00
4.05
E2
2.55
2.70
2.80
e
0.45
0.50
0.55
K
0.15
—
—
L
0.30
0.40
0.50
Figure 11: QFN24 EP 4x4 mm recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34