Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP157A Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM32MP157A
Description  Arm® dual Cortex®-A7 650 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157A Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM32MP157A Datasheet HTML 9Page - STMicroelectronics STM32MP157A Datasheet HTML 10Page - STMicroelectronics STM32MP157A Datasheet HTML 11Page - STMicroelectronics STM32MP157A Datasheet HTML 12Page - STMicroelectronics STM32MP157A Datasheet HTML 13Page - STMicroelectronics STM32MP157A Datasheet HTML 14Page - STMicroelectronics STM32MP157A Datasheet HTML 15Page - STMicroelectronics STM32MP157A Datasheet HTML 16Page - STMicroelectronics STM32MP157A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 258 page
background image
DS12504 Rev 2
13/258
STM32MP157A
Introduction
58
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32MP157A microprocessors.
This document should be read in conjunction with the STM32MP157 reference manual
(RM0436), available from the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-A7 and Cortex®-M4 cores, refer to the Cortex®-A7
and Cortex®-M4 Technical Reference Manuals.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More