Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD72012 Fiches technique(PDF) 13 Page - NEC

No de pièce UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD72012 Fiches technique(HTML) 13 Page - NEC

Back Button UPD72012 Datasheet HTML 9Page - NEC UPD72012 Datasheet HTML 10Page - NEC UPD72012 Datasheet HTML 11Page - NEC UPD72012 Datasheet HTML 12Page - NEC UPD72012 Datasheet HTML 13Page - NEC UPD72012 Datasheet HTML 14Page - NEC UPD72012 Datasheet HTML 15Page - NEC UPD72012 Datasheet HTML 16Page - NEC UPD72012 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet S13918EJ3V0DS
13
µPD72012
(2/2)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
14
iManufacture
1
Shows the index of the string descriptor for a
comment about a manufacturer using the HUB.
Since not used for a standard ROM code product
(003, 004), its value is “0x00”.
When using this for a Mask ROM code product, set it
to “0x01”.
0x00
0x00
0x00
or
0x01
15
iProduct
1
Shows the index of the string descriptor for a
comment about a product using the HUB.
Since not used for a standard ROM code product
(003, 004), its value is “0x00”.
When using this for a Mask ROM code product, set it
to “0x02”.
0x00
0x00
0x00
or
0x02
16
iSerialNumber
1
Shows the index of the string descriptor for the serial
number of a product using the HUB.
Since not used for a standard ROM code product
(003, 004), its value is “0x00”.
When using this for a Mask ROM code product, set it
to “0x03”.
0x00
0x00
0x00
or
0x03
17
bNumConfiguration
1
Shows the number of configurations that can be set
for this HUB.
Its value is fixed at “0x01” for the
µPD72012
0x01
0x01
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36