Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD72012 Fiches technique(PDF) 26 Page - NEC

No de pièce UPD72012
Description  HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD72012 Fiches technique(HTML) 26 Page - NEC

Back Button UPD72012 Datasheet HTML 22Page - NEC UPD72012 Datasheet HTML 23Page - NEC UPD72012 Datasheet HTML 24Page - NEC UPD72012 Datasheet HTML 25Page - NEC UPD72012 Datasheet HTML 26Page - NEC UPD72012 Datasheet HTML 27Page - NEC UPD72012 Datasheet HTML 28Page - NEC UPD72012 Datasheet HTML 29Page - NEC UPD72012 Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Data Sheet S13918EJ3V0DS
µPD72012
(3) HUB event timing
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Time to detect downstream port
connection event (wake-up HUB)
2.5
2000
µs
Time to detect downstream port
connection event (suspend HUB)
tDCNN
2.5
12000
µs
Time to detect disconnect event at
downstream port (wake-up HUB)
22.5
µs
Time to detect disconnect event at
downstream port (suspend HUB)
tDDIS
2
10000.0
µs
Period to drive resume at downstream
port (from control HUB only)
tDRSMDN
20
ms
Time from detecting downstream
resume to re-broadcasting
tURSM
100
µs
Time to detect long K state from
upstream
tURLK
2.5
5.5
µs
Time to detect long SE0 from upstream
tURLSE0
2.5
10000
µs
Period to repeat SE0 upstream
tURPSE0
23
FS Bit
time
Period to transmit SE0 upstream after
EOF1
tUDEOP
Optional
2
FS Bit
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36