Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM6020ACA Fiches technique(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

No de pièce LM6020ACA
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Site Internet  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6020ACA Fiches technique(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6020ACA Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TOPWAY
LCD Module User Manual
LM6020ACA
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6020ACA-Manual-Rev0.1
Page: 9 of 14
5. Function specifications
5.1
Adjusting the Display Contrast
This LCD module equipped with latest digital contrast adjustment function.
Its display contrast could be adjusted by MCU command.
(Please see the command tables for details)
It is recommended to provide a contrast adjustment interface for end-user,
where the best display result could meet the individual preference in mass production.
5.2
Application circuit (Example)
-
4x boosting
-
80 mode
-
Using internal ref resistor
-
C1~C5 = 1.0uF (25V)
-
C6~C9 = 1.0uF (25V)
Note:
Please refer to the ST7565 data sheet for
details
5.3
The Parallel Interface
Shared
6800 Mode
8080 Mode
A0
R/W
E
/RD
/WR
Function
H
H
H
L
H
Reads the display data
H
L
H L
H
L H
Writes the display data
L
H
H
L
H
Status read
L
L
H L
H
L H
Write control data(command)
5.4
The Serial Interface
When the serial interface has been selected then when the chip is in active state the serial data
input(SI) and the serial clock(SCL) can be received. The serial data is read from the serial data
input pin in the rising edge of the serial clock . When “A0”=“H”, the data is display data, and when
“A0”=“L”, the data is command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com