Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM6020ACA Fiches technique(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

No de pièce LM6020ACA
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Site Internet  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6020ACA Fiches technique(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6020ACA Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6020ACA Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TOPWAY
LCD Module User Manual
LM6020ACA
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6020ACA-Manual-Rev0.1
Page: 6 of 14
4.2
AC Characteristics
4.2.1 8080 Mode System Bus Timing
VSS=0V, VDD=3.0V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
System cycle time
tcyc8
500
-
-
ns
Address setup time (A0)
taw8
10
-
-
ns
Address hold time (A0)
tah8
10
-
-
ns
Control LOW pulse width (/RD)
tcclr
275
-
-
ns
Control LOW pulse width (/WR)
tcclw
275
-
-
ns
Control HIGH pulse width (/RD)
tcchr
225
-
-
ns
Control HIGH pulse width (/WR)
tcchw
225
-
-
ns
Data setup time
tds8
50
-
-
ns
Data hold time
tdh8
10
-
-
ns
/RD access time (*2)
tacc8
-
-
175
ns
Output disable time (*2)
tch8
13
-
125
ns
Note:
*1. Input signal rise/fall time should be less than 15ns .
*2.All timing is using 20% and 80% of VDD as the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com