Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720 Fiches technique(PDF) 363 Page - STMicroelectronics

No de pièce STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Fiches technique(HTML) 363 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 359Page - STMicroelectronics STR720 Datasheet HTML 360Page - STMicroelectronics STR720 Datasheet HTML 361Page - STMicroelectronics STR720 Datasheet HTML 362Page - STMicroelectronics STR720 Datasheet HTML 363Page - STMicroelectronics STR720 Datasheet HTML 364Page - STMicroelectronics STR720 Datasheet HTML 365Page - STMicroelectronics STR720 Datasheet HTML 366Page - STMicroelectronics STR720 Datasheet HTML 367Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 401 page
background image
STR720 - MISCELLANEA REGISTERS (GCR - CGC - AHB_ERR)
363/401
24.5.1
Register map
In the following tables a summary of all system configuration register and AHB error detection
block is reported.
Refer also to Table 20 on page 49 and Table 21 on page 50.
Table 80. Configuration Register Map
Addr.
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
E000
1000
AGCR1
Reserved
ADC_
STOP
Res.
ADC_
OFF
F000
0C00
SGCR1
Reserved
CACHE
_CONF
Reserved
EIC_
SRES
P7AS
BRM
F000
0C04
SGCR2
Reserved
EXT_
BOOT
F000
0C08
SGCR3
Reserved
ST3_SEL
Reserved
F000
2C00
CGC-PGC1
Reserved
P11CO P10CO
Reserved
P7CO
P6CO
P5CO
Res.
P3CO
P2CO
P1CO
P0CO
F000
2C04
CGC-PUR1
Reserved
P11UR P10UR
Reserved
P7UR
P6UR
P5UR
Res.
P3UR
P2UR
P1UR
P0UR
F000
2C08
CGC-EMU1
Reserved
P11EM P10EM
Reserved
P7EM
P6EM
P5EM
Res.
P3EM
P2EM
P1EM
P0EM
F000
2C0C
CGC-PGC2
Reserved
D2CO
D1CO
Res.
F000
2C10
CGC-PUR2
Reserved
D1UR
Res.
F000
2C14
CGC-EMU2
Reserved
D2EM
D1EM
Res.
Table 81. AHB Error detector Register Map
Addr.
Register
Name
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
876
5432
10
F000
3000
AERR_P
Reserved
AE
_P
F000
3004
AERR_M
Reserved
AE
_M
F000
3008
AERR_FA
AERR_FA[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More