Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720 Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 96Page - STMicroelectronics STR720 Datasheet HTML 97Page - STMicroelectronics STR720 Datasheet HTML 98Page - STMicroelectronics STR720 Datasheet HTML 99Page - STMicroelectronics STR720 Datasheet HTML 100Page - STMicroelectronics STR720 Datasheet HTML 101Page - STMicroelectronics STR720 Datasheet HTML 102Page - STMicroelectronics STR720 Datasheet HTML 103Page - STMicroelectronics STR720 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
100/401
Refer to Table 21 on page 50 for the base address.
E0
DMA
DeCurrHi3
DMADeCurrHi3
E4
DMA
DeCurrLo3
DMADeCurrLo3
E8
DMATCnt3
DMATCnt3
EC
DMA
LUBuff3
DMALUBuff3
F0
DMAMask
reserved
SEM3
SEM2
res.
res.
SIM3
SIM2
res.
res.
F4
DMAClr
reserved
SEC3
SEC2
res.
res.
SIC3
SIC2
res.
res.
F8
DMA
Status
reserved
Act3
Act2
res.
res.
Err3
Err2
res.
res.
Int3
Int2
res.
res.
FC
DMA
Last
reserved
LAST3 LAST2
res.
res.
Table 26. DMA Register Map
Addr.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More