Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720 Fiches technique(PDF) 263 Page - STMicroelectronics

No de pièce STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Fiches technique(HTML) 263 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 259Page - STMicroelectronics STR720 Datasheet HTML 260Page - STMicroelectronics STR720 Datasheet HTML 261Page - STMicroelectronics STR720 Datasheet HTML 262Page - STMicroelectronics STR720 Datasheet HTML 263Page - STMicroelectronics STR720 Datasheet HTML 264Page - STMicroelectronics STR720 Datasheet HTML 265Page - STMicroelectronics STR720 Datasheet HTML 266Page - STMicroelectronics STR720 Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
263/401
19 USB SLAVE INTERFACE (USB)
19.1 Introduction
The USB Peripheral implements an interface between a full-speed USB 2.0 bus and the APB
bus.
USB suspend/resume are supported which allows to stop the device clocks for low power
consumption.
19.2 Main Features
Configurable number of endpoints from 1 to 8.
Cyclic Redundancy Check (CRC) generation/checking, Non-Return-to-Zero Inverted
(NRZI) encoding/decoding and bit-stuffing.
Isochronous transfers support.
Double-buffered bulk endpoint support.
USB Suspend/Resume operations.
Frame locked clock pulse generation.
19.3 Block Diagram
Figure 40 shows the block diagram of the USB Peripheral.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More