Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720 Fiches technique(PDF) 230 Page - STMicroelectronics

No de pièce STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Fiches technique(HTML) 230 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 226Page - STMicroelectronics STR720 Datasheet HTML 227Page - STMicroelectronics STR720 Datasheet HTML 228Page - STMicroelectronics STR720 Datasheet HTML 229Page - STMicroelectronics STR720 Datasheet HTML 230Page - STMicroelectronics STR720 Datasheet HTML 231Page - STMicroelectronics STR720 Datasheet HTML 232Page - STMicroelectronics STR720 Datasheet HTML 233Page - STMicroelectronics STR720 Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
230/401
RxIE
Receive Interrupt Enable
1: IntPnd will be set after a successful reception of a frame.
0: IntPnd will be left unchanged after a successful reception of a
frame.
TxIE
Transmit Interrupt Enable
1: IntPnd will be set after a successful transmission of a frame.
0: IntPnd will be left unchanged after the successful transmission of a
frame.
IntPnd
Interrupt Pending
1: This message object is the source of an interrupt. The Interrupt Identifier
in the Interrupt Register will point to this message object if there is no other
interrupt source with higher priority.
0:This message object is not the source of an interrupt.
RmtEn
Remote Enable
1: At the reception of a Remote Frame, TxRqst is set.
0: At the reception of a Remote Frame, TxRqst is left unchanged.
TxRqst
Transmit Request
1: The transmission of this Message Object is requested and is not yet
done.
0: This Message Object is not waiting for transmission.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More