Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720 Fiches technique(PDF) 203 Page - STMicroelectronics

No de pièce STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Fiches technique(HTML) 203 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 199Page - STMicroelectronics STR720 Datasheet HTML 200Page - STMicroelectronics STR720 Datasheet HTML 201Page - STMicroelectronics STR720 Datasheet HTML 202Page - STMicroelectronics STR720 Datasheet HTML 203Page - STMicroelectronics STR720 Datasheet HTML 204Page - STMicroelectronics STR720 Datasheet HTML 205Page - STMicroelectronics STR720 Datasheet HTML 206Page - STMicroelectronics STR720 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
203/401
18.3 Block Diagram
The CAN Peripheral interfaces with the AMBA APB bus. Figure 29 shows the block diagram of
the CAN Peripheral.
CAN Core
CAN Protocol Controller and Rx/Tx Shift Register for serial/parallel conversion of messages.
Message RAM
Stores Message Objects and Identifier Masks.
Registers
All registers used to control and to configure the CAN Peripheral.
Message Handler
State Machine that controls the data transfer between the Rx/Tx Shift Register of the CAN
Core and the Message RAM as well as the generation of interrupts as programmed in the
Control and Configuration Registers.
Module Interface
CAN Peripheral interfaces to the AMBA APB 16-bit bus from ARM.
Figure 29. Block Diagram of the CAN Peripheral
CAN Peripheral
CAN CORE
REGISTERS
MODULE INTERFACE
CAN_TX
CAN_RX
Message RAM
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More