Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR720 Fiches technique(PDF) 137 Page - STMicroelectronics

No de pièce STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Fiches technique(HTML) 137 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 133Page - STMicroelectronics STR720 Datasheet HTML 134Page - STMicroelectronics STR720 Datasheet HTML 135Page - STMicroelectronics STR720 Datasheet HTML 136Page - STMicroelectronics STR720 Datasheet HTML 137Page - STMicroelectronics STR720 Datasheet HTML 138Page - STMicroelectronics STR720 Datasheet HTML 139Page - STMicroelectronics STR720 Datasheet HTML 140Page - STMicroelectronics STR720 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 401 page
background image
STR720 - ATAPI-IDE INTERFACE
137/401
Table 35. Timing descriptions for PIO Read/Write Cycles
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
Trct
Minimum Period between successive IDi0rn /
IDi0wn strobes
114
TATAPI_CLK
Tdsr
Data setup to end of IDi0rn
10
ns
Tdhr
Data hold after IDi0rn
5
Tdsw
Data setup to end of IDi0wn
3
TATAPI_CLK
Tdhw
Data hold after IDi0wn
1
Tas
Address setup to start of IDi0rn / IDi0wn
24
Tah
Address hold from end of IDi0rn / IDi0wn
2
Tisp
IDi0rn / IDi0wn strobe width
311
Trs
IOrdy sample active to IDi0rn / IDi0wn end
12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More