Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB3-002-DP Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce MTB3-002-DP
Description  Thunderbolt 3 to Dual DisplayPort Adapter - 4K/5K @ 60 Hz, M/2xF, 4:4:4, Silver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

MTB3-002-DP Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  MTB3-002-DP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved MTB3-002-DP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved MTB3-002-DP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thunderbolt 3 to Dual DisplayPort Adapter -
4K/5K @ 60 Hz, M/2xF, 4:4:4, Silver
MODEL NUMBER: MTB3-002-DP
Connects your MacBook, notebook or PC’s Thunderbolt 3 port to two 4K DisplayPort monitors or one 5K
DisplayPort monitor.
Features
Thunderbolt 3 Adapter Transmits 4K x 2K Video to 2 DisplayPort Monitors at the Same TimeThis
Thunderbolt 3 to Dual DisplayPort Adapter (M/2xF) connects the Thunderbolt 3 port on your computer,
tablet, laptop, notebook or MacBook to two 4K DisplayPort monitors simultaneously. Or, if you need even
more resolution, it also transmits a 5K (!) audio/video signal to a single DisplayPort monitor.
An Ideal Tool for Video Editing or Multitasking at Home or the OfficeWith this Thunderbolt 3
adapter’s high bandwidth of 40 Gbps, you can more efficiently run applications that demand heavy
resources. For instance, editing 4K video is easier with one monitor used for raw video playback and the
other displaying your fresh cut. Home/office multitasking is more efficient with two monitors placed side by
side on your workstation. And your video presentation or digital signage looks vivid and enticing in
stunning 4K.
Enjoy the Clarity of True 4K Video with Audio and 4:4:4 ColorThis 4K DisplayPort adapter supports
Ultra HD video resolutions up to 3840 x 2160 (4K x 2K) at 60 Hz for crystal-clear picture and sound on two
DisplayPort monitors. Or you can connect to one 5K monitor at video resolutions up to 5120 x 2880 (5K x
2K) at 60 Hz for an even sharper image. The MTB3-002-DP is compatible with HDCP 2.2 and DisplayPort
1.4 standards for carrying HDR (high dynamic range) signals. It also supports 4:4:4 chroma subsampling
for top-level PC gaming or using your HDTV as a PC monitor, as well as 48-bit Deep Color (16 bits per
channel). Because the adapter supports both video and audio, no additional cabling is needed for sound.
Reversible Thunderbolt 3 Connector Attaches in Either DirectionUnlike traditional USB cables that
connect in only one direction, the reversible male connector plugs into a Thunderbolt 3 port in either
direction for a fumble-free connection every time. Thunderbolt 3 is eight times faster than USB 3.0 with
four times the video bandwidth of HDMI.
Ready to Use Right from the Package, So You Can Plug and Play ImmediatelyThe plug-and-play
adapter requires no software or external power. Just connect the built-in cable to the Thunderbolt 3 port
on your source device, and use DisplayPort cables to connect the adapter to your display(s). Because the
adapter is backward compatible with non-4K displays, you can use it with 1080p monitors or other
available displays, making it a convenient tool to carry in your laptop bag or backpack for use anywhere.
Highlights
Supports dual DisplayPort
monitors at 4K resolutions of
3840 x 2160 @ 60 Hz
q
Supports a single DisplayPort
monitor at 5K resolutions of
5120 x 2880 @ 60 Hz
q
Reversible Thunderbolt 3 plug
connects in either direction for
instant no-fuss use
q
Plug-and-play operation with no
software required for easy,
immediate installation
q
Works with Mac and Windows
computers and laptops with
Thunderbolt 3 output
q
Applications
Watch 4K video content from a
notebook or media server on
two Ultra HD televisions or
projectors
q
Connect a MacBook to a
conference table’s A/V box to
give a video presentation on one
5K or two 4K screens
q
Attach two 4K monitors to your
PC to allow easier multitasking
or more convenient video editing
q
Play online or PC video games
that display optimal graphics
q
Send Ultra HD content to digital
signs or point-of-sale displays
q
Connect security cameras and
other A/V surveillance
equipment to a central 5K
display
q
System Requirements
1 / 3


Numéro de pièce similaire - MTB3-002-DP

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
MTB3-002-HD TRIPPLITE-MTB3-002-HD Datasheet
170Kb / 3P
Dual-Monitor Thunderbolt 3 to HDMI Adapter (M/2xF) - 4K 60 Hz, 4:4:4, Silver
More results

Description similaire - MTB3-002-DP

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
U444-06N-2H-MST TRIPPLITE-U444-06N-2H-MST Datasheet
164Kb / 3P
USB-C to Dual HDMI Adapter - M/2xF, Thunderbolt 3 Compatible, USB 3.1, 4K x 2K @ 30 Hz, MST, Gray
U444-06N-HD4K6W TRIPPLITE-U444-06N-HD4K6W Datasheet
163Kb / 3P
USB-C 3.1 to HDMI 4K Adapter, M/F, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
U444-003-DP-BE TRIPPLITE-U444-003-DP-BE Datasheet
168Kb / 3P
USB-C to DisplayPort Adapter Cable (M/M) - 3.1, Gen 1, Locking Connector, 4K @ 60 Hz, 4:4:4, Black, 3 ft.
U444-006-DP-BE TRIPPLITE-U444-006-DP-BE Datasheet
168Kb / 3P
USB-C to DisplayPort Adapter Cable (M/M) - 3.1, Gen 1, Locking Connector, 4K @ 60 Hz, 4:4:4, Black, 6 ft.
U444-06N-DP4K6W TRIPPLITE-U444-06N-DP4K6W Datasheet
159Kb / 3P
USB-C to DisplayPort Adapter ??Thunderbolt 3, 3840 x 2160 (4K x 2K) @ 60 Hz, White
P583-003 TRIPPLITE-P583-003 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 3 ft.
P583-006 TRIPPLITE-P583-006 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter (M/M), 4096 x 2160 (4K x 2K) @ 60 Hz, White, 6 ft.
P583-003-BK TRIPPLITE-P583-003-BK Datasheet
174Kb / 3P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 3 ft.
MTB3-002-HD TRIPPLITE-MTB3-002-HD Datasheet
170Kb / 3P
Dual-Monitor Thunderbolt 3 to HDMI Adapter (M/2xF) - 4K 60 Hz, 4:4:4, Silver
U444-2DP-MST4K6 TRIPPLITE-U444-2DP-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com