Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB3-002-DP Fiches technique(PDF) 2 Page - Tripp Lite. All Rights Reserved

No de pièce MTB3-002-DP
Description  Thunderbolt 3 to Dual DisplayPort Adapter - 4K/5K @ 60 Hz, M/2xF, 4:4:4, Silver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

MTB3-002-DP Fiches technique(HTML) 2 Page - Tripp Lite. All Rights Reserved

  MTB3-002-DP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved MTB3-002-DP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved MTB3-002-DP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Source device with Thunderbolt
3 port
q
Display device(s) with
DisplayPort input (DisplayPort
1.2 required to achieve 4K @ 60
Hz)
q
Supports Windows 8, 8.1 and
10; MacOS up to 10.12
q
Package Includes
MTB3-002-DP Thunderbolt 3 to
Dual DisplayPort Adapter -
4K/5K @ 60 Hz, M/2xF, Silver
q
Quick Start Guide
q
OVERVIEW
UPC Code
037332222008
INPUT
Bus Powered
Yes
PHYSICAL
Color
Silver
ENVIRONMENTAL
Operating Temperature Range
32 ~ 113F (0 ~ 45C)
Storage Temperature Range
14 ~ 158F (~10C ~ 70C)
Operating Humidity Range
10% ~ 90% RH (No Condensation)
Storage Humidity Range
10% ~ 90% RH (No Condensation)
CONNECTIONS
Side A - Connector 1
USB C (MALE)
Side B - Connector 1
DISPLAYPORT (FEMALE)
Side B - Connector 2
DISPLAYPORT (FEMALE)
FEATURES & SPECIFICATIONS
2 / 3



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com