Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS643LSH-I2 Fiches technique(PDF) 15 Page - Allegro MicroSystems

No de pièce ATS643LSH-I2
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSH-I2 Fiches technique(HTML) 15 Page - Allegro MicroSystems

Back Button ATS643LSH-I2 Datasheet HTML 8Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 9Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 10Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 11Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 12Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 13Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 14Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 15Page - Allegro MicroSystems ATS643LSH-I2 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
ATS643-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating, Zero-Speed Differential GTS with Continuous Update
ATS643LSH
Package SH, 4-pin SIP
1.08 .043
8.0
.315
5.5 .217
0.38 .015
5.0 .244
5.8 .228
4.0 .157
2.9 .114
1.7 .067
1 .039
0.6 .024
1.27
.050
20.95 .825
13.05 .514
Dimensions in millimeters. Untoleranced dimensions are nominal.
U.S. Customary dimensions (in.) in brackets, for reference only
24
3
1
A
A
A
B
C
C
D
D
B
Dambar removal protrusion
Metallic protrusion, electrically connected to pin 4 and substrate (both sides)
Active Area Depth 0.43 mm [.017]
Thermoplastic Molded Lead Bar for alignment during shipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16